Part Number Hot Search : 
SB113 MHW72 AN584 5160HR MPC942P WM8904 SG7805AR 5000F
Product Description
Full Text Search
 

To Download SOT-SOT23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irc advanced film division general note irc reserves the right to make changes in product specification without notice or liability. all information is subject to ircs own data and is considered accurate at time of going to print. a subsidiary of tt electronics plc sot23 series issue march 2007 ? irc advanced film division corpus christi texas 78411 usa telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com sot23 surface mount voltage divider ? extremely small footprint ? precision ratio tolerances to 0.05% ? superior alternative to matched sets ? ultra-stable tansil ? resistors on silicon substrate ? standard sn/pb and pb-free terminations available sot23 series characteristic each resistor total resistance resistance range 10 - 200k w 400k w absolute tolerance to 0.1% ratio tolerance to 0.05% absolute tcr to 25ppm/c tracking tcr to 2ppm/c element power rating 125mw @70c package power rating 250mw @70c rated operating voltage (not to exceed power x resistance) 100 volts operating temperature -55c to 125c noise <-30db substrate material silicon electrical data test per mil-prf-83401 typical delta r max delta r thermal shock 0.02% 0.1% power conditioning 0.03% 0.1% high temperature exposure 0.03% 0.05% short-time overload 0.02% 0.05% low temperature storage 0.03% 0.05% life 0.05% 0.1% environmental data ________________ individual resistance available absolute tolerances available ratio tolerances best absolute tcr tracking tcr 10 w - 25 w f g j k d f g 100ppm/c 25ppm/c 25.1 w - 50 w d f g j k c d f g 50ppm/c 10ppm/c 51 w - 500 w c d f g j k b c d f g 25ppm/c 2ppm/c 501 w - 100k w b c d f g j k a b c d f g 25ppm/c 2ppm/c 101k w - 200k w b c d f g j k b c d f g 25ppm/c 2ppm/c manufacturing capability
sot23 series issue march 2007 irc advanced film division ? irc advanced film division corpus christi texas 78411 usa telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com sot23 surface mount voltage divider ordering procedure prefx sot - sot23 - 01 - 1002 - 1002 - f b style sot23 = divider network with standard sn/pb termination sot23lf= divider network with pb-free termination absolute tcr code 00 = 250ppm/c; 01 = 100ppm/c; 02 = 50ppm/c; 03 = 25ppm/c r1 resistance code 4-digit resistance code ex: 1002 = 10k w ; 50r1 = 50.1 w r2 resistance code 4-digit resistance code ex: 1002 = 10k w ; 50r1 = 50.1 w absolute tolerance code k = 10%; j = 5%; g = 2%; f = 1%; d = 0.5%; c = 0.25%; b = 0.1% ratio tolerance code g = 2%; f = 1%; d = 0.5%; c = 0.25%; b = 0.1%; a = 0.05% packaging standard packaging is tape & reel for additional information or to discuss your specific requirements, please contact our applications team using the contact details below. power derating data 25 70 125 100 50 10 % of rated p o wer t emperature in c physical data schematic diagram r1 r2 1 2 3 viewed from top of part note: dimensions do not include mold fash and metal burr.


▲Up To Search▲   

 
Price & Availability of SOT-SOT23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X